Part Number Hot Search : 
F30K1R0E MGFK3 75000 472ML HD6473 LTC37 090814 0100M
Product Description
Full Text Search
 

To Download 1991272 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM73123 AAL1gatorTM-8 8 Link CES/DBCES AAL1 SAR
FEATURES
* Supports eight structured/unstructured T1, E1 links or one unstructured DS3, E3 or STS-1/STM-0 link over an AAL1 CBR ATM network. * Compliant with ATM Forum's CES (AFVTOA-0078), and ITU-T I.363.1. * Supports up to 256 VCs. * Supports n x 64 (consecutive channels) and m x 64 (nonconsecutive channels) structured data format with channel associated signaling (CAS) support. * Internal E1/T1 clock synthesizers provided for each line which can be controlled via internal synchronous residual time stamp (SRTS) or an internal programmable weighted moving average adaptive clocking algorithm in unstructured mode. Clock synthesizers can also be controlled externally to provide customization of SRTS or adaptive clocking methods. * Provides transparent transmission of CCS and CAS and termination of CAS signaling. * Compliant with ATM Forum's Dynamic Bandwidth Circuit Emulation Service (DBCES) AF-VTOA-0085. Supports idle channel detection via processor intervention, CAS signaling, or data pattern detection. Provides idle channel indication on a per channel basis. * Supports AAL0 mode, selectable on a per VC basis. * Provides transmit and receive buffers which can be used for OAM cells as well as any other user-generated cells such as AAL5 cells for ATM signaling. * Provides an optional 8/16-bit AnyPHYTM slave interface. * Provides a three cell FIFO for UTOPIA loopback support on a per VC basis or a global basis.
TRANSMIT SECTION
* Provides individually enabled per-VC data and signaling conditioning in the transmit cell direction and per DS0 data and signaling conditioning in the transmit line direction. Includes DS3 AIS conditioning support in both directions. * Provides per-VC configuration of time slots allocated, CAS support, partial cell size, data and signaling conditioning, ATM Cell header definition. * Generates AAL1 sequence numbers, pointers and SRTS values in accordance with ITU-T I.363.1. Multicast connections are supported. * Provides a patented frame based calendar queue service algorithm with anti-clumping add-queue mechanism that produces minimal CDV. In unstructured mode, uses non-frame based scheduling to optimize CDV.
LINE INTERFACE
* Supports the following flexible line interfaces: * Eight individual T1 or E1 lines. * Two H-MVIP lines at 8 MHz. * One unstructured DS3, E3 or STS1/STM-0 line. * Provides lineside loopback support on a per channel basis.
UTOPIA INTERFACE
* Supports 52 MHz, 8/16-bit Level 2, Multi-Phy Mode (MPHY) with parity, 8/16-bit Level 1, SPHY and 8-bit Level 1, ATM Master modes.
RL_CLK[7:0]
TL_CLK_OE
TL_CLK[7:0]
BLOCK DIAGRAM
SYSCLK NCLK
CRL_CLK
RSTB SCAN_ENB SCAN_MODEB TATM_DATA[15:0] TATM_PAR TATM_ENB TATM_SOC TATM_CLAV TATM_CLK RPHY_ADD[4:0] RATM_DATA[15:0] RATM_PAR RATM_ENB RATM_SOC RATM_CLAV RATM_CLK TPHY_ADD[4:0] 8 F0B
CTL_CLK
Clock MUX
Line Interface
LINE_MODE
H-MVIP UTOPIA Interface
8
8 TL_DATA[7:0] TL_SYNC[7:0] TL_SIG[7:0] RL_DATA[7:0] RL_SYNC[7:0] RL_SIG[7:0]
A1SP
8
8
Direct Mode
8
JTAG
RAM Interface
Processor Interface
External Clock Interface
RAM_ADSCB
D[15:0]
C_DOUT[3:0]
A[19:0]
TRST
CGC_VALID
AM_WEB[1:0]
GC_LINE[3:0]
PMC-1991272 (r2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
Copyright PMC-Sierra, Inc. 2001
CGC_SER_D
RDB
CSB
TCK
ACKB
ADAP_STB
TMS
RAM_CSB
RAM_D[15:0]
AM_PAR[1:0]
RAM_A[16:0]
SRTS_STB
WRB
TDO
TDI
ALE
RAM_OEB
INTB
PM73123 AAL1gatorTM-8 8 Link CES/DBCES AAL1 SAR
* Queues are added by making entries into an add queue FIFO to minimize queue activation overhead. * Provides single maskable, opencollector interrupt with master interrupt register to facilitate processing for AAL1, RAM and UTOPIA exceptions. * Provides multiple counters in the Cell Transmit and Receive directions as required by the ATM Forum's CES-IS 2.0 MIB. * Provides a seamless interface to an external 128K x 16 (18) (10 ns) Synchronous SRAM or ZBT RAM. * Low-power 2.5V CMOS with 3.3V, 5V tolerant I/O. * 324-pin plastic ball grid array (PBGA) package. * Pin compatible with PM73124 AAL1gator-4.
APPLICATIONS
* Integrated Access Device. * DACS with an ATM Interface. * ATM Multiservice Switch CES Port Cards. * ATM Optical Networking Unit (ONU), ATM Passive Optical Network (APON).
RECEIVE SECTION
* Provides per-VC configuration of time slots allocated, partial cell size, sequence number processing options, cell delay variation tolerance buffer depth, maximum buffer depth. * Supports Fast Sequence Number processing and Robust Sequence Number processing.
GENERAL
* Provides a microprocessor interface for configuration, management, and statistics gathering.
TYPICAL APPLICATIONS
INTEGRATED ACCESS DEVICE
UTOPIA L2/ Any-PHY UTOPIA L2
T1/E1 x 8
PM4354 COMET-QUAD PM4354 COMET-QUAD
PM73123 AAL1gator-8
PM7329 S/UNI-APEX1K800 PM7347 S/UNI-JET DS3 LIU
Ethernet Video
ATM Interworking Function, AAL5 SAR
PM7328 S/UNI-ATLAS1K800
ATM OPTICAL NETWORK UNIT (ONU)
UTOPIA L2/ Any-PHY
UTOPIA L2
T1/E1 x 8
PM4354 COMET-QUAD PM4354 COMET-QUAD
PM73123 AAL1gator-8
PM7329 S/UNI-APEX1K800 Optical Module APON
Ethernet Video
ATM Interworking Function, AAL5 SAR
PM7328 S/UNI-ATLAS1K800
Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-1991272 (r2) Copyright PMC-Sierra, Inc. 2001. All rights reserved. August 2001 S/UNI is a registered trademark and AAL1gator, Any-PHY, COMETQUAD, ALL1gator-8, and PMC-Sierra are trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE


▲Up To Search▲   

 
Price & Availability of 1991272

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X